| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN594 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN594 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 28 page ![]() Direct LCD Drive 17/28 TIMER_1 INTERRUPT RELOAD TIMER_1 END OF INTERRUPT PROGRAM BACKPLANES PB0= HI-Z PB1= 0 PROGRAM SEGMENTS UPDATE SEGMENTS DRIVER BYTE PROGRAM BACKPLANES PB0= 0 PB1= HI-Z UPDATE SEGMENTS DRIVER BYTE PROGRAM BACKPLANES PB0= HI-Z PB1= 1 UPDATE SEGMENTS DRIVER BYTE CONVERT IN DECIMAL MODE PROGRAM BACKPLANES PB0= 1 PB1= HI-Z UPDATE SEGMENTS DRIVER BYTE IS LOOP 1 ? IS LOOP 2 ? IS LOOP 3 ? PHASE 1 PHASE 2 PHASE 3 PHASE 4 NO (*) (*) (*) (*) (*) (*) : SUBROUTINE TASK YES NO YES YES NO VR001862 ANNEX 2: Flowchart of the ST6265x based application |