công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN439 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN439
Giải thích chi tiết về linh kiện  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics AN439 Datasheet HTML 12Page - STMicroelectronics AN439 Datasheet HTML 13Page - STMicroelectronics AN439 Datasheet HTML 14Page - STMicroelectronics AN439 Datasheet HTML 15Page - STMicroelectronics AN439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AN439
Conclusion
15/16
3
Conclusion
Thanks to the logic level and Snubberless TRIACs, the designer can use devices with a
commutation behavior which is compatible with all applications in the 50 or 60 Hz range.
This includes phase control and static commutation for loads going from a few watts to
several kilowatts.
These classes of TRIAC offer:
●
An increase in the security margin of circuits, particularly where there is a risk of
spurious triggering
●
Reduction of costs by using logic level TRIACs, without the need of an interface
between the TRIAC gate and the logic circuit, or using Snubberless TRIACs, which are
specified without a resistive / capacitive network
4
Revision history
Table 4.
Document revision history
Date
Revision
Changes
May-1992
1
Initial release.
19-Apr-2004
2
Stylesheet update. No content change.
07-Mar-2008
3
Reformatted to current standards. Complete rewrite for text and
graphics. Part numbers updated for current products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16