| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN437 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN437 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() Conclusion AN437 14/18 3 Conclusion An RC snubber circuit is often used with TRIACs and presents different functions: ● Aid circuit for turn-off commutation ● Fast transient voltage suppressor ● Overvoltage limiter at turn-off commutation in case of inductive load with low rms current The RC snubber circuit drawback is the turn-on stress induced by the capacitor discharge. Thanks to the high voltage capability of TRIACs, the snubber circuit design can be optimized in order to reduce the capacitor value and, in the same way, reduce the snubber circuit cost. Nevertheless, when low load inductances are controlled or, low damping factor or low slope of reapplied voltage are considered, the snubber circuit design can lead to choose a low snubber resistance value. To limit the snubber capacitor discharge through the TRIAC at turn-on, the resistor value must be higher than a minimum value (typically 47 Ω for most TRIACs and ACSTs). |