| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN308 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN308 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() Solutions summary for inductive load control AN308 14/16 A.3 New triggering circuit See Figure 12 part C for the schematic diagram. A.3.1 Resistive load No problem over the whole adjustment range. A.3.2 Inductive load Operation in the two possible cases: ● Delay angle θ > ϕ Balanced conduction due to good synchronization of the triggering pulses ● Delay angle θ < ϕ For a conduction angle higher than 180°, the TRIAC turns off after the 1st pulse of the following half-cycle. It is immediately retriggered by the next repetitive pulse. The two currents are modified until a balance is reached. A.3.3 Circuit characteristics Disadvantages of the circuit: ● Connection by 3 wires - it is necessary to have access to the mains terminals. ● Power is dissipated permanently by the passive components. Advantages: ● Accuracy of the triggering pulses ● Correct operation for resistive loads ● No bad operation with inductive loads ● Power variation over the whole range ● Good balance between positive and negative current cycles |