công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1122 bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LT1122
Giải thích chi tiết về linh kiện  Fast Settling, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1122 bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LT1122 Datasheet HTML 4Page - Linear Technology LT1122 Datasheet HTML 5Page - Linear Technology LT1122 Datasheet HTML 6Page - Linear Technology LT1122 Datasheet HTML 7Page - Linear Technology LT1122 Datasheet HTML 8Page - Linear Technology LT1122 Datasheet HTML 9Page - Linear Technology LT1122 Datasheet HTML 10Page - Linear Technology LT1122 Datasheet HTML 11Page - Linear Technology LT1122 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT1122
8
1122fb
For more information www.linear.com/LT1122
APPLICATIONS INFORMATION
Settling Time Measurements
Settling time test circuits shown on some competitive
devices’ data sheets require:
1. A“flattop”pulsegenerator.Unfortunately,flattoppulse
generators are not commercially available.
2. A variable feedback capacitor around the device under
test. This capacitor varies over a four-to-one range.
Presumably, as each op amp is measured for settling
time, the capacitor is fine tuned to optimize settling
time for that particular device.
3. A small inductor load to optimize settling.
TheLT1122’ssettlingtimeis100%testedinthetestcircuit
shown. No “flat top” pulse generator is required. The test
circuit can be readily constructed, using commercially
available ICs. Of course, standard high frequency board
construction techniques should be followed. All LT1122s
are measured with a constant feedback capacitor. No fine
tuning is required.
Speed Boost/Overcompensation Terminal
Pin 8 of the LT1122 can be used to change the input stage
operating current of the device. Shorting Pin 8 to the posi-
tive supply (Pin 7) increases slew rate and bandwidth by
about 25%, but at the expense of a reduction in phase
marginbyapproximately18degrees.Unity-gaincapacitive
load handling decreases from typically 500pF to 100pF.
Conversely,connectinga15kresistorfromPin8toground
pulls 1mA out of Pin 8 (with V+ = 15V). This reduces slew
rate and bandwidth by 25%. Phase margin and capacitive
load handling improve; the latter typically increasing to
800pF.
High Speed Operation
As with most high speed amplifiers, care should be
taken with supply decoupling, lead dress and component
placement.
ThepowersupplyconnectionstotheLT1122mustmaintain
a low impedance to ground over a bandwidth of 20MHz.
This is especially important when driving a significant
resistive or capacitive load, since all current delivered to
the load comes from the power supplies. Multiple high
qualitybypasscapacitorsarerecommendedforeachpower
supply line in any critical application. A 0.1µF ceramic and
a 1µF electrolytic capacitor, as shown, placed as close as
possible to the amplifier (with short lead lengths to power
supply common) will assure adequate high frequency
bypassing, in most applications.
V+
7
2
6
3
4
1µF
0.1µF
1µF
0.1µF
V–
LT1122
1122 TA03
+
–
+
When the feedback around the op amp is resistive (RF),
a pole will be created with RF, the source resistance and
capacitance (RS, CS), and the amplifier input capacitance
(CIN ≈ 4pF). In low closed-loop gain configurations and
with RS and RF in the kilohm range, this pole can create
excess phase shift and even oscillation. A small capaci-
tor (CF) in parallel with RF eliminates this problem. With
RS (CS + CIN) = RFCF, the effect of the feedback pole is
completely removed.
RS
CS
CIN
RF
CF
OUTPUT
+
–
1122 TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com