công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM134 bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LM134
Giải thích chi tiết về linh kiện  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LM134 bảng dữ liệu(HTML) 3 Page - Linear Technology

  LM134_15 Datasheet HTML 1Page - Linear Technology LM134_15 Datasheet HTML 2Page - Linear Technology LM134_15 Datasheet HTML 3Page - Linear Technology LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM134 Series
3
ELECTRICAL CHARACTERISTICS
CURRENT SOURCE (Note 2)
LM134-3,LM234-3
LM134-6, LM234-6
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆ISET
Set Current Error, V+ = 2.5V
100
µA ≤ ISET ≤ 1mA
±1
±2%
(Note 3)
Tj = 25°C
Equivalent Temperature Error
±3
±6
°C
Ratio of Set Current to
100
µA ≤ ISET ≤ 1mA
141826141826
V– Current
VMIN
Minimum Operating Voltage
100
µA ≤ ISET ≤ 1mA
0.9
0.9
V
∆ISET
Average Change in Set Current
1.5V
≤ V+ ≤ 5V
0.02
0.05
0.02
0.1
%/V
∆VIN
with Input Voltage
100
µA ≤ ISET ≤ 1mA
5V
≤ V+ ≤ 30V
0.01
0.03
0.01
0.05
%/V
Temperature Dependence of
100
µA ≤ ISET ≤ 1mA
0.98
1.02
0.97
1.03
Set Current (Note 4)
Equivalent Slope Error
±2
±3%
CS
Effective Shunt Capacitance
15
15
pF
TEMPERATURE SENSOR (Note 2)
LM134
LM334
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆ISET
Set Current Error, V+ = 2.5V
10
µA ≤ ISET ≤ 1mA
3
6
%
(Note 3)
1mA < ISET ≤ 5mA
5
8
%
2
µA ≤ ISET < 10µA8
12
%
Ratio of Set Current to
10
µA ≤ ISET ≤ 1mA
141823141826
V– Current
1mA
≤ ISET ≤ 5mA
14
14
2
µA ≤ ISET ≤ 10µA
1823
1826
VMIN
Minimum Operating Voltage
2
µA ≤ ISET ≤ 100µA
0.8
0.8
V
100
µA < ISET ≤ 1mA
0.9
0.9
V
1mA < ISET ≤ 5mA
1.0
1.0
V
∆ISET
Average Change in Set Current
1.5V
≤ V+ ≤ 5V
0.02
0.05
0.02
0.1
%/V
∆VIN
with Input Voltage
2
µA ≤ ISET ≤ 1mA
5V
≤ V+ ≤ VMAX (Note 5)
0.01
0.03
0.01
0.05
%/V
1.5V
≤ V ≤ 5V
0.03
0.03
%/V
1mA < ISET ≤ 5mA
5V
≤ V ≤ VMAX (Note 5)
0.02
0.02
%/V
Temperature Dependence of
25
µA ≤ ISET ≤ 1mA
0.96
1.04
0.96
1.04
Set Current (Note 4)
CS
Effective Shunt Capacitance
15
15
pF
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Unless otherwise specified, tests are performed at Tj = 25°C with
pulse testing so that junction temperature does not change during test.
Note 3: Set current is the current flowing into the V+ pin. It is determined
by the following formula: ISET = 67.7mV/RSET (at 25°C). Set current error
is expressed as a percent deviation from this amount. ISET increases at
0.336%/
°C at Tj = 25°C.
Note 4: ISET is nominally directly proportional to absolute temperature
(
°K). ISET at any temperature can be calculated from: ISET = IO (T/TO)
where IO is ISET measured at TO (°K).
Note 5: VMAX = 40V for LM134 and 30V for other grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com