| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1692 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1692 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 42 page ![]() General description UM1692 40/42 DocID025487 Rev 2 4.6.4 Create a project using the FW library package Using your preferred IDE, create a new project. In project options, properties or settings Select for the device, the ST STM32F105xB. Use the CMSIS library. Edit the preprocessor defined symbols and add: STM32F10X_CL USE_STDPERIPH_DRIVER ST_DSPIN_L6472H_DISCOVERY Edit the preprocessor including directories and add: $PROJ_DIR$\…\…\…\…\…\…\stm32f10x\CMSIS\CM3\DeviceSupport\ST\STM32F10x $PROJ_DIR$\…\…\…\…\…\…\stm32f10x\STM32F10x_StdPeriph_Driver\inc $PROJ_DIR$\…\…\…\…\…\dspin\inc Where $PROJ_DIR$ is a variable containing the path to the project directory. Add the required library source files: startup_stm32f10x_cl.s system_stm32f10x.c misc.c stm32f10x_exti.c stm32f10x_flash.c stm32f10x_gpio.c stm32f10x_rcc.c stm32f10x_spi.c stm32f10x_tim.c For the debugger, for example, select the ST-LINK and configure it to run to main, to verify download, to use the Flash loader and to override the default *.board file with the FlashSTM32F105xB.board. |