| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4671 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4671 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 17 page ![]() Gate driver specs and implementation AN4671 14/17 DocID027654 Rev 1 The STGAP1S driver features 5 A current capability and the output driver section provides a rail-to-rail output with the possibility of using a negative gate driver supply. Furthermore, separate sink and source outputs provide high flexibility and facilitate BoM reduction for external components. The Miller clamp protection function is included to control the Miller current during power stage switching in half-bridge configurations. When the power switch is in the OFF state, the driver operates to avoid the induced turn-on phenomenon that may occur due to the CGD capacitance when the other switch in the same leg is being turned on. During the turn-off period, the switch gate is monitored via the CLAMP pin. The CLAMP switch is activated when gate voltage drops below the voltage threshold VCLAMPth, thus creating a low impedance path between the switch gate and the VL pin, see the figure below. Figure 14: Example of Miller clamp protection connection |