| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1271 bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1271 bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 8 page ![]() 3 LT1271/LT1269 SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Control Pin Threshold Duty Cycle = 0 0.7 0.9 1.08 V q 0.5 1.25 V Normal/Flyback Threshold 0.4 0.45 0.54 V on Feedback Pin VFB Flyback Reference Voltage IFB = 50µA 15 16.3 17.6 V q 14 18 V VFB Change in Flyback 0.05 ≤ IFB ≤ 1mA 4.5 6.8 8.5 V Reference Voltage Flyback Reference Voltage IFB = 50µA 0.01 0.03 %/V Line Regulation 3V ≤ VIN ≤ VMAX Flyback Amplifier ∆IC = ±10µA 150 300 650 µmho Transconductance (gm) Flyback Amplifier Source VC = 0.6V Source q 15 32 70 µA and Sink Current IFB = 50µA Sink q 25 40 70 µA BV Output Switch Breakdown 3V ≤ VIN ≤ VMAX q 60 75 V Voltage ISW = 1.5mA VSAT Output Switch (Note 1) q 0.2 0.33 Ω “On” Resistance Control Voltage to Switch 6.4 A/V Current Transconductance ILIM Switch Current Limit (Note 2) Duty Cycle = 50% q 48 A Duty Cycle = 80% q 3.2 8 A ∆IIN Supply Current Increase 25 40 mA/A ∆ISW During Switch On-Time f Switching Frequency LT1271 q 50 60 70 kHz LT1269 q 85 100 115 kHz DC (max) Maximum Switch Duty Cycle LT1271 85 92 95 % LT1269 80 90 95 % Flyback Sense Delay Time 1.5 µs Shutdown Mode 3V ≤ VIN ≤ VMAX, VC = 0.05V 100 400 µA Supply Current Shutdown Mode 3V ≤ VIN ≤ VMAX 100 150 250 mV Threshold Voltage q 50 300 mV ELECTRICAL C C HARA TERISTICS VIN = 15V, VC = 0.5V, VFB = VREF, switch pin open, unless otherwise noted. The q denotes the specifications which apply over the full operating temperature range. Note 1: Measured with VC in hi clamp, VFB = 0.8V. Note 2: For duty cycles (DC) between 50% and 85%, minimum guaranteed switch current is given by ILIM = 2.67 (2 – DC). Note 3: Minimum input voltage. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |