| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1217 bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1217 bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 8 page ![]() LT1217 2 A G A U A R BSOLUTEXI TI S PACKAGE/ORDER I FOR ATIO Supply Voltage ...................................................... ±18V Input Current ...................................................... ±10mA Input Voltage ............................ Equal to Supply Voltage Output Short Circuit Duration (Note 1) ......... Continuous Operating Temperature Range ..................... 0 °C to 70°C Storage Temperature Range ................. – 65 °C to 150°C Junction Temperature ........................................... 150 °C Lead Temperature (Soldering, 10 sec.)................. 300 °C ELECTRICAL C C HARA TERISTICS V S = ± 15V, TA = 0°C to 70°C unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage VCM = 0V q ±1 ±3mV IIN+ Non-Inverting Input Current VCM = 0V q ±100 ±500 nA IIN– Inverting Input Current VCM = 0V q ±100 ±500 nA en Input Noise Voltage Density f = 1kHz, RF = 1k, RG = 10Ω 6.5 nV/ √Hz in Input Noise Current Density f = 1kHz, RF = 1k, RG = 10Ω 0.7 pA/ √Hz RIN Input Resistance VIN = ±10V q 20 100 M Ω CIN Input Capacitance 1.5 pF Input Voltage Range q ±10 ±12 V CMRR Common Mode Rejection Ratio VCM = ±10V q 60 66 dB Inverting Input Current Common Mode Rejection VCM = ±10V q 5 20 nA/V PSRR Power Supply Rejection Ratio VS = ±4.5V to ±18V q 68 76 dB Non-Inverting Input Current Power Supply Rejection VS = ±4.5V to ±18V q 2 20 nA/V Inverting Input Current Power Supply Rejection VS = ±4.5V to ±18V q 10 50 nA/V AV Large Signal Voltage Gain RLOAD = 2k, VOUT = ±10V q 90 105 dB RLOAD = 400Ω, VOUT = ±10V q 70 dB ROL Transresistance, ∆VOUT/∆IIN– RLOAD = 2k, VOUT = ±10V q 545 M Ω RLOAD = 400Ω, VOUT = ±10V q 1.5 M Ω VOUT Output Swing RLOAD = 2k q ±12 ±13 V RLOAD = 200Ω q ±10 V IOUT Output Current RLOAD = 0Ω q 50 100 mA SR Slew Rate (Note 2, 3) RF = 3k, RG = 3k q 100 500 V/ µs BW Bandwidth RF = 3k, RG = 3k, VOUT = 100mV 10 MHz tr Rise Time, Fall Time (Note 3) RF = 3k, RG = 3k, VOUT = 1V q 30 40 ns tPD Propagation Delay RF = 3k, RG = 3k, VOUT = 1V 25 ns Overshoot RF = 3k, RG = 3k, VOUT = 1V 5 % ts Settling Time, 0.1% RF = 3k, RG = 3k, VOUT = 10V 280 ns IS Supply Current VIN = 0V q 12 mA Supply Current, Shutdown Pin 8 Current = 50 µA q 350 1000 µA Note 2: Non-Inverting operation, VOUT = ±10V, measured at ±5V. Note 3: AC parameters are 100% tested on the plastic DIP packaged parts (N suffix), and are sample tested on every lot of the SO packaged parts (S suffix). The q denotes specifications which apply over the operating temperature range. Note 1: A heat sink may be required. ORDER PART NUMBER LT1217CN8 LT1217CS8 1217 S8 PART MARKING S8 PACKAGE 8-LEAD PLASTIC SOIC 8 7 6 5 4 3 2 1 NULL –IN +IN V NULL OUT + V SHUTDOWN TOP VIEW – N8 PACKAGE 8-LEAD PLASTIC DIP LT1217 • POI01 |