| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM199 bảng dữ liệu(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LM199 bảng dữ liệu(HTML) 7 Page - Linear Technology |
|
7 / 8 page ![]() LM199/LM399 LM199A/LM399A 7 199399fc For more information www.linear.com/LM399 revision hisTory REV DATE DESCRIPTION PAGE NUMBER C 12/14 Package/Order Information updated Thermal shield dimensions corrected 2 7 (Revision history begins at Rev C) Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package DescripTion Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings. .400 – .420 (10.160 – 10.668) DIA .016 – .019 (0.406 – 0.483) TYP DIA .100 (2.540) .225 – .240 (5.715 – 6.096) .450 (11.430) .050 (1.270) SEATING PLANE REF .016 – .019** (0.406 – 0.483) DIA .025 (0.635) MAX REFERENCE PLANE .085 – .105 (2.159 – 2.667) .500 (12.700) MIN .178 – .195 (4.521 – 4.953) .209 – .219 (5.309 – 5.563) .100 (2.540) TYP 45 H4(TO-46) 0801 .050 (1.270) TYP .050 (1.270) TYP .028 – .048 (0.711 – 1.219) .036 – .046 (0.914 – 1.168) SEATING* PLANE LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND .050" BELOW THE REFERENCE PLANE FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS .016 – .024 (0.406 – 0.610) * ** PIN 1 H Package 4-Lead TO-46 Metal Can (Reference LTC DWG # 05-08-1341) Thermal Shield* for TO-46, H Package *THERMAL SHIELD MATERIAL IS VALOX |