công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4496 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN4496
Giải thích chi tiết về linh kiện  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN4496 Datasheet HTML 10Page - STMicroelectronics AN4496 Datasheet HTML 11Page - STMicroelectronics AN4496 Datasheet HTML 12Page - STMicroelectronics AN4496 Datasheet HTML 13Page - STMicroelectronics AN4496 Datasheet HTML 14Page - STMicroelectronics AN4496 Datasheet HTML 15Page - STMicroelectronics AN4496 Datasheet HTML 16Page - STMicroelectronics AN4496 Datasheet HTML 17Page - STMicroelectronics AN4496 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID026370 Rev 1
15/18
AN4496
Designing a high PF wide range LED driver with the HVLED815PF
18
2.7
Secondary/auxiliary turn ratio
The operating range of VCC is between 11.5 V and 23 V. The mid voltage is around 17 V.
The drop voltage on the limiting resistor Rlim (R9) and the auxiliary rectifier diode (D2) at the
nominal operating point is set to 1 V.
Equation 31
Vdrop AUX = VFaux + VRlim = VFaux + ICC * Rlim
Then is defined the secondary/auxiliary turn ratio.
Equation 32
Two conditions must be checked:
1.
In case of an open circuit the output voltage is a bit upper at the threshold VOUT OVP, in
this situation Rlim must limit the current to 25 mA.
Equation 33
The higher value of Rlim must be used in the design, if greater Rlim is determined for the
open circuit conditions, the secondary/auxiliary turn ratio to compensate the drop on
Rlim must be recalculated.
2.
If requested, wide range output voltage at the constant current VCC must be increased
to 21 V.
To demonstrate the high voltage startup functionality in this design VCC is lower, then:
2.8
Feed forward
Equation 34
Real value used:
NS / NAUX = 1.75
VCC = 12 V
Real value used:
Rdmg = 91 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com