công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4450 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN4450
Giải thích chi tiết về linh kiện  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 10Page - STMicroelectronics AN4450 Datasheet HTML 11Page - STMicroelectronics AN4450 Datasheet HTML 12Page - STMicroelectronics AN4450 Datasheet HTML 13Page - STMicroelectronics AN4450 Datasheet HTML 14Page - STMicroelectronics AN4450 Datasheet HTML 15Page - STMicroelectronics AN4450 Datasheet HTML 16Page - STMicroelectronics AN4450 Datasheet HTML 17Page - STMicroelectronics AN4450 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Power supply: consumption estimation and optimization
AN4450
14/26
DocID025978 Rev 1
3.1
Common rules for low power consumption
Here are some notes about possible sources of power leakage:
–
Do not leave any input pin un-terminated (floating). This may leave the internal
circuit in undefined state, creating/introducing extra power consumption. Connect
unused input pins (such as CS, and SA0 if a single sensor is used on the I2C bus)
to VDD_IO. Use a pull-up resistor where needed.
–
Do not connect a push-pull output pin directly to GND or VDD_IO (unless it can be
ensured that no change on that pin status will be made by SW).
–
Select the proper I2C pull-up resistor (to VDD_IO) according to the bus load and
working frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26