công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4339 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện AN4339
Giải thích chi tiết về linh kiện  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  AN4339 Datasheet HTML 1Page - STMicroelectronics AN4339 Datasheet HTML 2Page - STMicroelectronics AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DocID025039 Rev 1
3/27
AN4339
Description
27
1
Description
1.1
BLDC fan solution block diagram
The solution comprises of 2 stages:
30 W power supply operating on universal mains range using the L6564 device
BLDC driver stage using the L6235 device
Figure 1. BLDC fan solution block diagram scheme
1.2
Power supply section - L6564 block
The power supply is designed using the PFC controller L6564 which works in transition
mode of control in flyback isolated topology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27