công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSK4367 bảng dữ liệu(PDF) 7 Page - M.S. Kennedy Corporation

tên linh kiện MSK4367
Giải thích chi tiết về linh kiện  38 Volt Maximum Operating Supply Voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSK [M.S. Kennedy Corporation]
Trang chủ  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4367 bảng dữ liệu(HTML) 7 Page - M.S. Kennedy Corporation

Back Button MSK4367_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 9Page - M.S. Kennedy Corporation MSK4367_15 Datasheet HTML 10Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
APPLICATION NOTES CONT'D
Set Speed / Torque Mode – Commands controller to receive mode command – speed mode versus torque mode.
Send Contents: Command Tag followed by 8 bits of data [2 words].
Command Tag: 0x42
Data:
0x00 – Torque Mode
0x01 – Speed Mode
Response Contents: Response Tag only [1 word].
Response Tag: 0x43
Description: Commands the controller to receive whether the control loop will be torque control or speed control mode. Torque control
mode will control the output torque of the motor by using the RMS current through the windings as feedback. Speed control mode will
control the speed of the motor by controlling the torque using the current as well as speed from encoder as feedback. Will also disable
bridge and reset the Speed / Torque command to 0.
Default Data Value: 0x00
Set Speed / Torque Command – Commands controller to receive speed or torque direction and magnitude.
Send Contents: Command Tag followed by 16 bits of data [3 words].
Command Tag: 0x1A
Data: 0xD8F0 – 0x2710. 2’s compliment format.
Response Contents: Response Tag only [1 word].
Response Tag: 0x1B
Description: Commands the controller to receive the magnitude and direction of the torque / speed in 16-bit, 2’s compliment format. In
speed mode, the range will be to 10000 RPM. In torque mode, the range will be to 10 amps RMS. Positive values will command one
direction, and negative values the opposite direction.
Default Data Value: 0x0000
Get Measured Current – Get current measurement from controller.
Send Contents: Command Tag only [1 word].
Command Tag: 0x1C
Response Contents: Response Tag followed by 16 bits of data [3 words].
Response Tag: 0x1D
Data: 2’s compliment format.
Description: Commands the controller to send the current value that is calculated every PWM cycle. This value should fall between +/
-10A and will be an RMS value. If in torque mode, this should correspond with your torque command.
Default Data Value: N/A
Set Brake Mode – Commands controller to receive Brake command.
Send Contents: Command tag followed by 8 bits of data [2 words].
Command Tag: 0x20
Data: 0x01 – 0xFF
Response Content: Response Tag only [1 word].
Response Tag: 0x21
Description – Commands the controller to begin applying PWM brake signals to the output bridge and to reset the command and PID
history to 0. This is dissipative braking only, using the internal resistance of the motor windings and Back EMF to slow down the motor
and apply braking resistance to the shaft. Braking is achieved by turning on the bottom transistors of the bridge, regardless of shaft angle
of the motor, and using the shorting of the Back EMF voltage through the resistance of the motor windings, essentially shorting all
windings together. However, this can be harsh if not applied in a controlled way. Control is achieved by implementing PWM modulation
of the low side transistors. Increasing the duty cycle will increase the amount of time each cycle that the windings are shorted together.
An 8-bit word is sent to the controller telling how long the ramp time is for increasing the duty cycle, with each bit being equal to about
7.8ms. A data value of 1 would have a ramp time of 7.8ms and the full data value of 255 would be have a 2 second ramp time.
Default Data Value: N/A
8548-100 Rev. C 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com