công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD3799 bảng dữ liệu(PDF) 17 Page - NEC

tên linh kiện UPD3799
Giải thích chi tiết về linh kiện  5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD3799 bảng dữ liệu(HTML) 17 Page - NEC

Back Button UPD3799 Datasheet HTML 12Page - NEC UPD3799 Datasheet HTML 13Page - NEC UPD3799 Datasheet HTML 14Page - NEC UPD3799 Datasheet HTML 15Page - NEC UPD3799 Datasheet HTML 16Page - NEC UPD3799 Datasheet HTML 17Page - NEC UPD3799 Datasheet HTML 18Page - NEC UPD3799 Datasheet HTML 19Page - NEC UPD3799 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
µPD3799
17
DATA SHEET S14083EJ1V0DS00
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other soldering processes are used, or if the soldering is performed under different conditions, please make sure
to consult with our sales offices.
For more details, refer to our document "Semiconductor Device Mounting Technology Manual"(C10535E).
Type of Through-hole Device
µPD3799CY : CCD linear image sensor 32-pin plastic DIP (400 mil)
Caution
During assembly care should be taken to prevent solder or flux from contacting the plastic cap.
The optical characteristics could be degraded by such contact.
Conditions
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (per pin)
Process
Partial heating method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20