công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1710 bảng dữ liệu(PDF) 2 Page - Linear Technology

tên linh kiện LTC1710
Giải thích chi tiết về linh kiện  SMBus Dual Monolithic High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1710 bảng dữ liệu(HTML) 2 Page - Linear Technology

  LTC1710 Datasheet HTML 1Page - Linear Technology LTC1710 Datasheet HTML 2Page - Linear Technology LTC1710 Datasheet HTML 3Page - Linear Technology LTC1710 Datasheet HTML 4Page - Linear Technology LTC1710 Datasheet HTML 5Page - Linear Technology LTC1710 Datasheet HTML 6Page - Linear Technology LTC1710 Datasheet HTML 7Page - Linear Technology LTC1710 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1710
ABSOLUTE MAXIMUM RATINGS
(Voltages Referred to GND Pin) (Note 1)
Input Supply Voltage (VCC).......................... – 0.3V to 6V
Input Supply Voltage (VCC) with SW0 Connected
as a Low Side Switch ........................... – 0.3V to 3.6V
DATA, CLK (Bus Pins 6, 5)......................... – 0.3V to 6V*
AD1 ( Address Pin 3) ....................... – 0.3V to VCC + 0.3V
OUT0, OUT1 (Output Pins 2, 7) ................... – 0.3V to 6V
SW0D (Switch 0 Drain Pin 1)....................... – 0.3V to 6V
OUT0, OUT1 (Output Pins 2, 7)
Continuous .................................................... 300mA
Pulsed, < 10
µs (nonrepetitive) ............................... 1A
Operating Temperature Range
LTC1710C ................................................ 0
°C to 70°C
LTC1710I ............................................ – 40
°C to 85°C
Junction Temperature** ...................................... 125
°C
Storage Temperature Range .................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300
°C
*Supply rails to DATA and CLK are independent of VCC to LTC1710.
**Although the LTC1710 can sustain TJMAX = 125°C without damage, its internal protection
circuitry is set to shut down the switches at TJ = 120°C with 15°C hysteresis.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Supply Voltage Range
q
2.7
5.5
V
IVCC
Supply Current
Charge Pump Off, AD1 High or Low,
DATA and CLK High
VCC = 5V
q
17
30
µA
VCC = 3.3V
q
14
30
µA
VCC = 2.7V
q
11
30
µA
OUT0 or OUT1 High
(Command Byte XXXXXX01 or XXXXXX10)
q
200
300
µA
Both Outputs High (Command Byte XXXXXX11)
q
250
500
µA
RDS(ON)
Power Switch On Resistance
VCC = 2.7V, IOUT = 300mA
0.55
Ω
VCC = 3.3V, IOUT = 300mA
0.46
0.7
Ω
VCC = 5V, IOUT = 300mA
0.40
0.6
Ω
VUVLO
Undervoltage Lockout
Falling Edge (Note 2)
q
1.5
2.0
2.5
V
tPOR
Power-On Reset Delay Time
VCC = 2.7V (Note 3)
300
1000
µs
VCC = 5.5V
300
1000
µs
fOSC
Charge Pump Oscillator Frequency
300
kHz
(Note 3)
TA = 25°C, VCC = SW0D = 5V unless otherwise noted.
ORDER PART
NUMBER
S8 PART MARKING
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
ORDER PART
NUMBER
MS8 PART MARKING
LTDZ
TJMAX = 110°C, θJA = 110°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VCC
OUT1
DATA
CLK
SW0D
OUT0
AD1
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
SW0D
OUT0
AD1
GND
8
7
6
5
VCC
OUT1
DATA
CLK
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 110°C, θJA = 150°C/ W
1710
1710I
LTC1710CS8
LTC1710IS8
LTC1710CMS8



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com