công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD3777 bảng dữ liệu(PDF) 18 Page - NEC

tên linh kiện UPD3777
Giải thích chi tiết về linh kiện  5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD3777 bảng dữ liệu(HTML) 18 Page - NEC

Back Button UPD3777 Datasheet HTML 12Page - NEC UPD3777 Datasheet HTML 13Page - NEC UPD3777 Datasheet HTML 14Page - NEC UPD3777 Datasheet HTML 15Page - NEC UPD3777 Datasheet HTML 16Page - NEC UPD3777 Datasheet HTML 17Page - NEC UPD3777 Datasheet HTML 18Page - NEC UPD3777 Datasheet HTML 19Page - NEC UPD3777 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet S14583EJ1V0DS00
18
µµµµ PD3777
NOTES ON CLEANING THE PLASTIC CAP
1
CLEANING THE PLASTIC CAP
Care should be taken when cleaning the surface to prevent scratches.
The optical characteristics of the CCD will be degraded if the cap is scratched during
cleaning.
We recommend cleaning the cap with a soft cloth moistened with one of the recommended
solvents below. Excessive pressure should not be applied to the cap during cleaning. If the
cap requires multiple cleanings it is recommended that a clean surface or cloth be used.
2
RECOMMENDED SOLVENTS
The following are the recommended solvents for cleaning the CCD plastic cap. Use of
solvents other than these could result in optical or physical degradation in the plastic cap.
Please consult your sales office when considering an alternative solvent.
Solvents
Symbol
Ethyl Alcohol
EtOH
Methyl Alcohol
MeOH
Isopropyl Alcohol
IPA
N-methyl Pyrrolidone
NMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20