công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F017010 bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện F017010
Giải thích chi tiết về linh kiện  FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F017010 bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  F017010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F017010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin
M/M) 10-ft.
MODEL NUMBER: F017-010
Description
Tripp Lite's IEEE-1394b, or FireWire 800 cables, are the latest in FireWire technology, with data transfer speeds up to 800Mbps, twice the speed of original
FireWire. The 9-pin to 6-pin FireWire 800 - FireWire cable (also known as a "bilingual" cable) will connect a 6-pin FireWire (1394a) device to a 9-pin FireWire
800 (1394b) port on a computer, or it will connect the 6-pin FireWire port on a computer to a 9-pin FireWire 800 device (FireWire 800 devices can achieve
FireWire 800 speeds only when connected to a FireWire 800 port). These cables are 100% compatible with Apple FireWire, Sony iLink, and all other
IEEE-1394b peripherals.
Features
Data transfer rates to 800Mbps
Hot Pluggable - supports Plug-n-Play operation
Premium triple-shielded cable with molded, Gold connectors
Backward compatible with FireWire systems and devices
Compatible with PC, Mac, SUN, and other IEEE-1394b equipped systems
Specifications
OVERVIEW
Cable Type
FireWire
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
10
Highlights
Connects Firewire 800 devices to
legacy 1394a ports
Meets FireWire 800 and 1394b
Specifications
Backward compatible to Original
FireWire components
Applications
Storage devices, Digital
camcorders, Printers, Scanners,
and other IEEE-1394b
compatible devices
Package Includes
10ft IEEE-1394b FireWire 800
Gold Hi-Speed 9pin/6pin Cable
1 / 2


Số phần tương tự - F017010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
More results

Mô tả tương tự - F017010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
F015006 TRIPPLITE-F015006 Datasheet
485Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F019006 TRIPPLITE-F019006 Datasheet
483Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 6-ft
F019010 TRIPPLITE-F019010 Datasheet
482Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 10-ft
F015-006 TRIPPLITE-F015-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 6-ft.
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017-010 TRIPPLITE-F017-010 Datasheet
158Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 10-ft.
F019-006 TRIPPLITE-F019-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/4pin M/M) 6-ft.
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com