| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0756 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0756 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 28 page ![]() UM0756 Schematics diagrams and bill of material Doc ID 16031 Rev 1 25/28 Resistors 24 R14 0 SMD0805 Panasonic ECG ERJ- 6GEY0R00V or equivalent Digi-Key P0.0ATR-ND or equivalent 1 25 R17,R18, R19,R20, R21,R22 R23,R24, R43,R44, R45,R46, R47,R48, R49,R50, R11,R15 220 Ω SMD0805 Panasonic ECG ERJ- 6GEYJ221V or equivalent Digi-Key P220ATR- ND 18 26 R25 360 Ω SMD0805 Panasonic ECG ERJ- 6GEYJ361V or equivalent Digi-Key P360ATR- ND 1 27 R34,R37, R38,R39 470 Ω SMD0805 Panasonic ECG ERJ- 6GEYJ471V or equivalent Digi-Key P470ATR- ND 4 28 R5,R9,R10, R13,R28, R29,R30, R31,R33, R34,R35, R37,R38, R39 1k Ω SMD0805 Panasonic ECG ERJ- 6GEYJ102V or equivalent Digi-Key P1.0KATR- ND 14 29 R1,R2,R3,R 6,R7,R8,R2 6,R40, R41 4.7 k Ω SMD0805 Panasonic ECG ERJ- 6GEYJ472V or equivalent Digi-Key P4.7KATR- ND 9 30 R4,R12, R16,R32, R36,R42 10 k Ω SMD0805 Panasonic ECG ERJ- 6GEYJ103V or equivalent Digi-Key P10KACT- ND 6 31 R27 POT - 0 to 1 k Ω Through hole VISHAY Spectrol 63M-T607- 102 or equivalent Farnell 9608206 1 Table 7. Bill or material (continued) Cat. S. no. Ref. designator Component descr. Package Manuf. Orderable part no. Supplier Supplier order code Qty |