công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4077 bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện AN4077
Giải thích chi tiết về linh kiện  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics AN4077 Datasheet HTML 27Page - STMicroelectronics AN4077 Datasheet HTML 28Page - STMicroelectronics AN4077 Datasheet HTML 29Page - STMicroelectronics AN4077 Datasheet HTML 30Page - STMicroelectronics AN4077 Datasheet HTML 31Page - STMicroelectronics AN4077 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
EMI filtering and conducted EMI pre-compliance measurements
AN4077
28/33
Doc ID 022997 Rev 1
As can be seen in the figures, in all test conditions there is a good margin of the
measurements with respect to the limits. The measurements have been done in peak
detection to speed up the sweep, which otherwise take a long time. Please note that the
harmonic measurements done in quasi-peak or average as required by the regulation are
much lower because of the jittering effect of the TM control that cannot be appreciated in
peak detection.
Figure 39.
EVL6564H-100W conducted
emission peak measurement at 230
Vac-50 Hz-full load-phase wire
Figure 40.
EVL6564H-100W conducted
emission peak measurement at 230
Vac-50 Hz-full load-neutral wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33