công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3980 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện AN3980
Giải thích chi tiết về linh kiện  This application note describes the implementation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3980 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button AN3980 Datasheet HTML 5Page - STMicroelectronics AN3980 Datasheet HTML 6Page - STMicroelectronics AN3980 Datasheet HTML 7Page - STMicroelectronics AN3980 Datasheet HTML 8Page - STMicroelectronics AN3980 Datasheet HTML 9Page - STMicroelectronics AN3980 Datasheet HTML 10Page - STMicroelectronics AN3980 Datasheet HTML 11Page - STMicroelectronics AN3980 Datasheet HTML 12Page - STMicroelectronics AN3980 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
dSPIN.h file content
AN3980
9/18
Doc ID 022200 Rev 1
4.2
dSPIN Init structure definition
To configure all L6470 registers a dedicated structure type has been defined:
Figure 5.
L6470 registers structure type definition
Typically, a variable is created in the main program loop and filled with requested register
parameters. Then, the appropriate function call
(dSPIN_Registers_Set(&dSPIN_RegsStruct)) can program all registers as requested by the
user.
4.3
Register options / mask definition (enumerated types)
As L6470 consists of 25 registers, and many of them include multiple parameter settings,
the complete code to cover all the definitions is large. The following lists are just selected
examples and the others can be found directly in the header file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19