| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3978 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3978 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 19 page ![]() Ordering information AN3978 14/19 Doc ID 022179 Rev 1 5 Ordering information The application board is orderable in the same way as all STMicroelectronics products. The appropriate ordering code is STEVAL-IFP020V1. It contains the application board assembled according to the descriptions above, board documentation, PCB fabrication data such as Gerber files, assembly files (Pick and Place), and component documentation. 6 Conclusion This application note may be used as a guide when designing the L6370Q application. The document shows that the L6370Q application works in harsh environments without any problems and that the industrial standard requirements are fulfilled. Moreover, the test levels are higher than requested for the majority of final products. The L6370Q application requires a minimum amount of external components, which has a positive influence on the application costs. |