công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P13706NDVIV2 bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện P13706NDVIV2
Giải thích chi tiết về linh kiện  Mini DisplayPort 1.2 to DVI Adapter Converter (Mini-DP Male to DVI-I Female), 6-in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P13706NDVIV2 bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P13706NDVIV2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P13706NDVIV2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini DisplayPort 1.2 to DVI Adapter Converter
(Mini-DP Male to DVI-I Female), 6-in.
MODEL NUMBER: P137-06N-DVI-V2
Description
Tripp Lite's P137-06N-DVI-V2 Min-DisplayPort v1.2 to DVI Adapter Converter allows you to connect a computer with a Mini-DisplayPort connection to a DVI
monitor. Displayport v1.2 doubles the previous version bandwidth of 8.64 Gbps to 17.28 Gbps in High Bit Rate (HBR2) mode, which allows increased
resolutions, higher refresh rates, and greater color depth. Supports DVI single-link computer video resolutions up to 1920 x 1200 and HD resolutions up to
1080p.
Features
Connect a DVI monitor to a computer with a Mini-DisplayPort output
Mini-DisplayPort v1.2 to DVI Adapter Converter (Mini-DisplayPort Male to DVI-I Female)
Supports DVI single-link computer video resolutions up to 1920 x 1200 and HD resolutions up to 1080p
17.28 Gbps bandwidth
Plug and Play; no drivers or software require
Specifications
OVERVIEW
Display Style
Adapter
Cable Type
DisplayPort
INPUT
Cable Length (ft.)
0.50
Cable Length (m)
0.15
Cable Length (in.)
0.15
Highlights
Connect a DVI monitor to a
computer with a Mini-DisplayPort
output
Mini-DisplayPort v1.2 to DVI
Adapter Converter
(Mini-DisplayPort Male to DVI-I
Female)
Plug-and-play convenience; no
drivers or software needed
Package Includes
Mini-DisplayPort 1.2 to DVI
Adapter Converter (Mini-DP Male
to DVI-I Female) 6-in.
1 / 2


Số phần tương tự - P13706NDVIV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
P13706NDVI TRIPPLITE-P13706NDVI Datasheet
481Kb / 2P
Mini DisplayPort to DVI Adapter, Video Converter for Mac/PC, 1920x1200-1080p (Mini DP to DVI-I M-F),6-in
More results

Mô tả tương tự - P13706NDVIV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
P134000 TRIPPLITE-P134000 Datasheet
483Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P134000DVIV2 TRIPPLITE-P134000DVIV2 Datasheet
512Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI-I Female)
P13706NDVI TRIPPLITE-P13706NDVI Datasheet
481Kb / 2P
Mini DisplayPort to DVI Adapter, Video Converter for Mac/PC, 1920x1200-1080p (Mini DP to DVI-I M-F),6-in
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P586-003-DVI-V2 TRIPPLITE-P586-003-DVI-V2 Datasheet
489Kb / 2P
Mini DisplayPort 1.2 to DVI Active Adapter Cable, Mini DP to DVI (M/M), 1920 x 1080/1080p, 3 ft.
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2 Datasheet
497Kb / 2P
Mini DisplayPort 1.2 to DVI Active Adapter Cable, Mini DP to DVI (M/M), 1920 x 1080/1080p, 6 ft.
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
P134-000 TRIPPLITE-P134-000 Datasheet
158Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P137-06N-DVI-V2 TRIPPLITE-P137-06N-DVI-V2 Datasheet
159Kb / 2P
Keyspan Mini DisplayPort 1.2 to DVI Active Adapter Converter, Thunderbolt 1 & 2 Compatible (Mini-DP Male to DVI Female), 6-in.
logo
IOGEAR
GMDPDVIW6 IOGEAR-GMDPDVIW6 Datasheet
131Kb / 2P
Mini DisplayPort to DVI Adapter Cable
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com