| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0582 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0582 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() UM0582 Getting started Doc ID 14969 Rev 1 5/24 1.2.1 On-board components ● The major components present on the motherboard are: – ST72651AR6 microcontroller – M24C02-W EEPROM – STBC08 battery charger – L6920 buck converter – ST2329 voltage translator – Jumper for connecting the Li-Ion battery – Jumpers to select the power supply mode (external supply or battery supply) – Jumper to connect external power supply – Mini USB jacket for USB connection – Programmable switches S1 and S2 – Reset switch SW1 ● Major blocks present on the daughterboard are: – STCF03 white LED driver – White LED – Red auxiliary LED 1.3 Power supply selection The STEVAL-TLL005V1 can be powered either by a mobile Li-Ion battery (battery mode), or an external 5 V DC power supply (external power supply mode). Selection of the required power mode is made using jumper J2. External power mode selection If using an external 5 V DC power supply to power the demonstration board, perform the following steps: ● Connect the external DC power supply across header H4. ● Position the jumper across pins 1-2 of J2, as shown in Figure 4. |