| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3108 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3108 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 44 page ![]() STLM75 library firmware AN3108 28/44 Doc ID 16793 Rev 1 Example: TS_TemperatureType* pStrTemperature; /* Get the Hysteresis temperature structure pointer forcing a STLM75 register reading */ pStrTemperature = pObjTempSensor->GetTempHysteresis (pObjTempSensor, TS_TRUE); TempSensor:: SetTempOverLimit API function Table 18 describes the SetTempOverLimit function of the TempSensor structure. Behavior description Return the Hysteresis temperature structure pointer. Input parameter {x} pThis - Object pointer; bForceRegisterRead - if TS_TRUE reads the value from the register otherwise the last read value returns Output parameter {x} None Return value Hysteresis temperature pointer if successful, TS_NULL_PTR otherwise Required preconditions NewTempSensorObj, TempSensor:: Init functions must have been called before. Called functions HAL function: TS_ErrStatus TS_SetPointerRegister(…); TS_ErrStatus TS_FillDataFromRegister (…); Table 18. SetTempOverLimit Name Description Function name SetTempOverLimit Function prototype TS_ErrStatus SetTempOverLimit (TempSensorType* pThis, TS_TemperatureType* pTemperature) Behavior description Set the 16-bit Over-limit temperature register value. Input parameter {x} pThis - Object pointer; pTemperature - Over-limit temperature structure pointer Output parameter {x} None Return value TS_OK if successful, TS_ERROR otherwise Required preconditions NewTempSensorObj, TempSensor:: Init functions must have been called before. Called functions HAL function: TS_ErrStatus TS_SetPointerRegister(…); TS_ErrStatus TS_FillRegisterFromData(…); Table 17. GetTempHysteresis (continued) Name Description |