công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3093 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện AN3093
Giải thích chi tiết về linh kiện  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics AN3093 Datasheet HTML 24Page - STMicroelectronics AN3093 Datasheet HTML 25Page - STMicroelectronics AN3093 Datasheet HTML 26Page - STMicroelectronics AN3093 Datasheet HTML 27Page - STMicroelectronics AN3093 Datasheet HTML 28Page - STMicroelectronics AN3093 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AN3093
Modes of operation
Doc ID16539 Rev 1
27/29
Figure 25.
CDC compensation: external configuration
In Equation 7, RCABLE is the total resistance of the output cable.
The CDC block acts as a second-order correction and creates a positive feedback that can
impact overall system stability. To avoid any issues that could render the loop unstable, the
CV setpoint time response must be much lower than the main control signal. For this
reason, the CDC block is designed with a time response of a few tens of milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29