| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3014 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3014 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() Conducted emission pre-compliance test AN3014 18/29 Doc ID 16064 Rev 2 6 Conducted emission pre-compliance test The following figures represent the average measurement of the conducted noise at full load and nominal mains voltages. The limits shown on the diagrams are those of the EN55022 class-B standard, which is most popular standard for domestic equipment, and sets more severe limits compared to class-A, dedicated to IT technology equipment. As visible in the diagrams, under all test conditions the measurements are well below the limits. Figure 18. CE average measurement at 115 Vac and full load Figure 19. CE average measurement at 230 Vac and full load |