| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2941 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2941 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 37 page ![]() Conducted emission pre-compliance test AN2941 24/37 Doc ID 15447 Rev 4 6 Conducted emission pre-compliance test Figure 25 and 26 show the average measurement of the conducted noise at full load and nominal mains voltages. The limits shown in the diagrams are from EN55022 Class-B, which is the most popular regulation for domestic equipment and it has more stringent limits compared to those of Class-A, dedicated to IT equipment. As visible in the diagrams, in all test conditions the measures are within the limits. Figure 25. CE average measure at 115 Vac and full load Figure 26. CE average measure at 230 Vac and full load |