công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2937 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện AN2937
Giải thích chi tiết về linh kiện  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 13Page - STMicroelectronics AN2937 Datasheet HTML 14Page - STMicroelectronics AN2937 Datasheet HTML 15Page - STMicroelectronics AN2937 Datasheet HTML 16Page - STMicroelectronics AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AN2937
Jumper settings
Doc ID 15418 Rev 1
17/41
9.2
Enable switching section 2
9.3
Enable switching section 1
Table 4.
Jumper S2 EN2 (connect the EN2 pin to S2)
Position
Enable switching section 2
GND
The switching section OUT2 is turned off and all faults are cleared.
VREF2
The switching section OUT2 turns on after the switching section OUT1 reaches
regulation.
VCC
The switching section OUT2 is turned on, regardless of the status of the switching
section OUT1.
Table 5.
Jumper S3 EN1 (connect EN1 pin to S3)
Position
Enable switching section 1
GND
The switching section OUT1 is turned off and all faults are cleared.
VREF2
The switching section OUT1 turns on after the switching section OUT2 reaches
regulation.
VCC
The switching section OUT1 is turned on, regardless of the status of the switching
section OUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41