công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2934 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện AN2934
Giải thích chi tiết về linh kiện  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics AN2934 Datasheet HTML 22Page - STMicroelectronics AN2934 Datasheet HTML 23Page - STMicroelectronics AN2934 Datasheet HTML 24Page - STMicroelectronics AN2934 Datasheet HTML 25Page - STMicroelectronics AN2934 Datasheet HTML 26Page - STMicroelectronics AN2934 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN2934
Conclusion
Doc ID 15394 Rev 1
25/27
8
Conclusion
This application note describes a dual and single output flyback converter demonstration
board using the VIPer17HN device. Both output types can be achieved with the same
printed circuit board. The device integrates input from customers by offering several
protections and a built-in 800 V, avalanche-rugged power section. It also provides efficient
short-circuit, overload and overvoltage protections, and consumes little power at no load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27