| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2928 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2928 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() Design equations for the modified buck converter AN2928 12/21 Figure 4. Sawtooth signal Equation 24 IRMS = root-mean squared drain current (A) IPP = peak-to-peak current (A) (difference between I_MAX and I_MIN) The real drain current waveform is given in Figure 5. As can be observed, the signal is quite similar to the signal in Figure 4, except that there is no current during the off-time stage (IO = 0) and the on and off-times are reversed. Therefore, for real current Equation 24 is modified to become Equation 25. Square RMS drain current is calculated using the equation: Equation 25 IAVR_ON = average current during tON time (A) (see Figure 5). And finally it is possible to calculate the continuous conduction losses: Equation 26 RDS(ON) = static drain-source on resistance for working MOSFET temperature (Ω). AM00369 t0 lAVG IPP i(t) DT (1- D)T lMAX t tON tOFF - I0 lMIN l RM S 2 1 T --- i 2 t () t 1 T --- i 2 t () ti 2 t () t·· d t 0 DT + t 0 T + ∫ + d t 0 t 0 DT + ∫ D = l 0 2 1D – () ⋅ + ⋅ l MAX l MI N + 2 ----------------------------- ⎝⎠ ⎛⎞ 2 l PP 2 12 -------- + = d t 0 t 0 T + ∫ = l RM S 2 D l MAX l MI N + 2 ----------------------------- ⎝⎠ ⎛⎞ 2 l PP 2 12 -------- + D = l AVR ON 2 l PP 2 12 -------- + ⋅⋅ = P CON l RM S 2 R DS ON () ⋅ = |