công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2565 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN2565
Giải thích chi tiết về linh kiện  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 14Page - STMicroelectronics AN2565 Datasheet HTML 15Page - STMicroelectronics AN2565 Datasheet HTML 16Page - STMicroelectronics AN2565 Datasheet HTML 17Page - STMicroelectronics AN2565 Datasheet HTML 18Page - STMicroelectronics AN2565 Datasheet HTML 19Page - STMicroelectronics AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics AN2565 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Test setup and performance summary
AN2565
18/29
Figure 10.
Section 2 soft-start waveforms
Driving the SHDN pin below the SHDN device “off” threshold will cause the device to enter
shutdown mode. In this case the switching outputs are connected to ground through an
internal 12
Ω power MOSFET and are discharged softly, (discharge mode). When the output
voltages reach 0.3 V, the low side MOSFETs are turned on, quickly discharging them to
ground.
Figure 11.
Section 1 shutdown waveforms
OUT1
EN1
Lgate1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29