| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0442 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0442 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 33 page ![]() UM0442 Hardware configuration and functionality 19/33 Figure 16. Position of jumpers in order to choose the LIS3LV02DQ accelerometer Figure 17. The I2C bus schematic In order to allow capabilities such as system interconnectivity, the BSPI (Buffered SPI) connector is available to the users. It is located adjacent to the mini-USB connector (see Figure 2 for the component placement) and the pin correspondance is described in the related schematics (see Figure 22). 4.17 ADC connector and potentiometer The STR750-MAP offers the possibility to connect analog devices and/or signal generators, directly to the ADC peripheral by using a 4-input ADC connector. These input channels are provided with a RC filter with parameters calculated using the lowest conversion time allowed by the STR750FV2: 3.75 µs. Figure 18 shows the schematic of the connector and the corresponding pin-out. |