công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2738 bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện AN2738
Giải thích chi tiết về linh kiện  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 28Page - STMicroelectronics AN2738 Datasheet HTML 29Page - STMicroelectronics AN2738 Datasheet HTML 30Page - STMicroelectronics AN2738 Datasheet HTML 31Page - STMicroelectronics AN2738 Datasheet HTML 32Page - STMicroelectronics AN2738 Datasheet HTML 33Page - STMicroelectronics AN2738 Datasheet HTML 34Page - STMicroelectronics AN2738 Datasheet HTML 35Page - STMicroelectronics AN2738 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Application example
AN2738
32/54
Doc ID 14589 Rev 2
As discussed above, the equivalent gate driver output circuit can be represented as in
Figure 29:
Figure 29.
Total equivalent circuit for the turn-off
Given the equivalent circuits in Figure 29 and the approximations of the power IGBT
(MOSFET) switching behavior, the timing equations are as follows:
Equation 11
Equation 12
As above, CISS_max is used because when the VCE (or VDS) of the power IGBT (or
MOSFET) is minimum (equal to VCE_sat) the CISS (which depends on the VCE) shows its
maximum value. Even if they are just approximations, the Tfall and Trise are very important
values to be estimated because they provide an indication of the power dissipation during
the switching of the power IGBT (or MOSFET), which can be approximated as indicated in
Figure 30.
RGATE
RDSon_sink
Cge = Ciss_max
Vge
Isink
Toff
RGATE
RDSon_sink
Vge_p
Isink
Trise
+
T
OFF
R
DS on
()
R
GATE
+
() C
ISSmax
In
V
GE
⊥MAX
V
GEP
-------------------------
⎝⎠
⎛⎞
⋅⋅
⋅
=
T
RISE
Q
GC
I
SINK
-------------
Q
GC
R
DS on
()SINK
R
GATE
+
()
V
GEP
---------------------------------------------------------------
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54