công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2649 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện AN2649
Giải thích chi tiết về linh kiện  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 12Page - STMicroelectronics AN2649 Datasheet HTML 13Page - STMicroelectronics AN2649 Datasheet HTML 14Page - STMicroelectronics AN2649 Datasheet HTML 15Page - STMicroelectronics AN2649 Datasheet HTML 16Page - STMicroelectronics AN2649 Datasheet HTML 17Page - STMicroelectronics AN2649 Datasheet HTML 18Page - STMicroelectronics AN2649 Datasheet HTML 19Page - STMicroelectronics AN2649 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN2649
Conclusion
17/20
4
Conclusion
In this application note an experimental investigation of the advantages and drawbacks
related to the use of new devices of the last generation has been carried out in a
continuous-current-mode PFC converter. In particular, the latest MOSFET MDmeshTM II
and a SiC Schottky diode have been used. The experimental results show that the power
converter using the new devices gets better switching performances and increased
efficiency with respect to the case that uses the same MOSFET and an ultrafast silicon
diode. The better performance in terms of efficiency and thermal behavior allow using
smaller heatsinks, saving cost and space. The no-reverse recovery for the SiC diode allows
using a lower gate resistance (high di/dt) optimizing the MOSFET power losses without
introducing high level EMI. In this case we have a high value of di/dt (the recovery current of
the SiC diode is smaller for every value of di/dt) , but the switching losses are reduced in the
MOSFET ( turn-on is faster with Rg = 0
Ω) with respect to the case of the silicon diode
where large values of IRM (dependent on di/dt) and the EMI problem limits the choice of Rg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20