| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2644 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2644 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 64 page ![]() Power MOSFET effective Coss and half-bridge midpoint's transition times AN2644 56/64 Figure 35. Simplified schematic to analyze transition times of the node HB when Q2 turns off Assuming that VHB | t=0 it is possible to write: Equation 46 Note that the left-hand side is the total charge Qoss(VHB) supplied to Coss(VHB) to raise its voltage up to the level VHB. Substituting (Equation 44) in (Equation 46) and developing, it is possible to find: Equation 47 Considering again the turn-off of Q2, as a consequence of the discussion of the previous section, the equivalent schematic of the circuit during the turn-off of Q2 is illustrated in Figure 35, where the tank circuit is then replaced by a constant current source equal to the switched current IR0. Additionally, the turn-off of Q2 is assumed to be linear in time: Equation 48 where Tf is the time the current IQ2 takes to become zero. The total capacitance of the node HB will be: Equation 49 CHB will be charged by the current ICHB = IR0 - IQ2 until VHB equals the input voltage Vin and DQ1 turns on, thus clamping VHB at Vin. Let us assume that the time TT needed for the voltage of the node HB to reach Vin is greater than Tf. The main quantities during the transient are illustrated in Figure 36. The total charge QT delivered to CHB in the interval (0, TT) will be: Equation 50 = IR0 CHB (VHB) IR0 –IQ2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I Vin IR0 CStray Coss1 Coss2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I DQ1 = IR0 CHB (VHB) IR0 –IQ2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I IR0 CHB (VHB) IR0 –IQ2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I Vin IR0 CStray Coss1 Coss2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I DQ1 Vin IR0 CStray Coss1 Coss2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = f 0 R 2 Q T t 1 I I DQ1 I C oss τ () τ C oss V () V d 0 V HB ∫ = d 0 tf ∫ Qoss V HB () 10 V HB V in V in V HB – – + ()C oss25 = 0t T f ≤≤ tT f > I Q2 I R0 1 t T f ----- – ⎝⎠ ⎛⎞ 0 ⎩ ⎪ ⎨ ⎪ ⎧ = C HB VHB () C Stray C oss VHB () + = Q T 1 2 ---I R0Tf I R0 TT T f – () I R0 TT T f 2 ----- – ⎝⎠ ⎛⎞ = + = |