công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1944 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện AN1944
Giải thích chi tiết về linh kiện  Developing IGBT applications using an TD350 advanced IGBT driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1944 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button AN1944 Datasheet HTML 9Page - STMicroelectronics AN1944 Datasheet HTML 10Page - STMicroelectronics AN1944 Datasheet HTML 11Page - STMicroelectronics AN1944 Datasheet HTML 12Page - STMicroelectronics AN1944 Datasheet HTML 13Page - STMicroelectronics AN1944 Datasheet HTML 14Page - STMicroelectronics AN1944 Datasheet HTML 15Page - STMicroelectronics AN1944 Datasheet HTML 16Page - STMicroelectronics AN1944 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN1944
Desaturation protection feature
13/21
6
Desaturation protection feature
The desaturation function provides a protection against over-current events. Voltage across
the IGBT is monitored, and the IGBT is turned off if the voltage threshold is reached. A
blanking time is made of an internal 250µA current source and an external capacitor. The
high voltage diode blocks the high voltage during IGBT off state (a standard 1kV or more
diode is usable); the 1k
Ω (approx.) resistor filters parasitic spikes and also protects the
DESAT input (see Figure 14).
During operation, the DESAT capacitor is discharged when TD350 output is low (IGBT off).
When the IGBT is turned on, the DESAT capacitor starts charging and desaturation
protection is effective after the blanking time (tB).
Equation 2
Equation 3
When a desaturation event occurs, the fault output is pulled down and TD350 outputs are
low (IGBT off) until the IN input signal is released (high level), then activated again (low
level).
Figure 15 shows a desaturation fault at 150A on a typical 25A module.
Figure 14.
Application schematic for DESAT feature
Note that during half-bridge commutation, the DESAT pin can experience a voltage peak. It
can depend proportionally to the parasitic capacitante (Cj) of the desaturation diode, to the
voltage value of the DC bus and in inverse proportion to the value of the capacitance placed
on the DESAT pin and to the value of the resistor in series with the desaturation diode. The
voltage peak on the DESAT pin must not exceed the absolute maximum rating indicated in
the TD350 datasheet.
t
B
7.2 V
[]
Cdesat
250
µA
[]
----------------------
•
=
t
B µs
[]
0.03
Cdesat pF
[]
•
=
TD350
14
DESAT
7,2V
1K
100pF
1k V
diode
Control
Block
8
GND
3
FAULT
VH
10K
250µA
Vc e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com