công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1894 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện AN1894
Giải thích chi tiết về linh kiện  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics AN1894 Datasheet HTML 10Page - STMicroelectronics AN1894 Datasheet HTML 11Page - STMicroelectronics AN1894 Datasheet HTML 12Page - STMicroelectronics AN1894 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
AN1894 - APPLICATION NOTE
Furthermore conducted emissions were measured in neutral and line wire using peak or average
detector. The measurements were performed at 230VAC input voltage and the 15V output was fully
loaded by 100mA load. The presented results depicted from Figure 18 to Figure 21 show the results. For
compliance with the EN 55014 standard, a small input filter (X-capacitor, common mode choke) should
be added, if there is no EMI filter for the complete system. Alternatively, a double sided pcb can be used.
2.2 Inverting Converter -15V/100mA (Variant 2)
2.2.1 Operating Conditions
Input Voltage range
90-264 VAC
Input Voltage Frequency range
50/60 Hz
Output
-15V / 100mA
Total Maximum Output Power
1.5W
Figure 18: Phase L, average detector
Figure 19: Phase L, peak detector
Figure 20: Phase N, average detector
Figure 21: Phase N, peak detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com