| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6207 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6207 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 53 page ![]() 29/53 AN1762 APPLICATION NOTE Figure 30. Definition of parameters for the three different sequences. The current in only one phase is shown. Figure 31. Input Data. T r T f T load ∆∆∆∆I I pk I t T I load NORMAL T r T f T load ∆∆∆∆I I pk I t T/2 I load WAVE T r T f T load ∆∆∆∆I I pk I t T I load HALF STEP Input Data Maximum Drain-Source ON Resistance Ron = 5.60E-01 [Ohm] Average Value between High-Side and Low-Side Maximum diode voltage Vd = 1.20E+00 [V] Quiescent Current Iq = 5.50E-03 [mA] Maximum BEMF Voltage Vb = 1.50E+01 [V] Motor Inductance Lm = 7.90E-03 [H] Motor Resistance Rm = 6.60E+00 [Ohm] Supply Voltage Vs = 2.40E+01 [V] Peak Current Ipk = 1.00E+00 [A] Off-Time tOFF = 1.50E-05 [s] Step Frequency fCK = 1.00E+03 [Hz] Sensing Resistance Rs = 5.00E-01 [Ohm] Decay Type - "SLOW" = Synchronous Slow Decay "FAST" = Quasi-Synchronous Fast decay Stepping sequence - "NORMAL", "HALF" or "WAVE" SLOW WAVE Device Input Values Motor Input Values Application Input Values |