công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1645 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN1645
Giải thích chi tiết về linh kiện  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics AN1645 Datasheet HTML 16Page - STMicroelectronics AN1645 Datasheet HTML 17Page - STMicroelectronics AN1645 Datasheet HTML 18Page - STMicroelectronics AN1645 Datasheet HTML 19Page - STMicroelectronics AN1645 Datasheet HTML 20Page - STMicroelectronics AN1645 Datasheet HTML 21Page - STMicroelectronics AN1645 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
19/22
12. BOARD LAYOUT
Any Switch Mode Power Supply requires a good PCB (Printed Circuit Board) design layout in order to
achieve maximum performance in terms of system functionality and emitted radiations. Components
placing, traces routing and width are the major issues.
Some fundamental rules will be given so that the PCB designer can produce a good layout.
All traces carrying current should be drawn on the PCB as short and thick as possible. This should be done
to minimize resistive and inductive parasitic effects, gaining in system efficiency and radiated emissions.
Current return routing is another crucial issue. Signal ground (SGLGND) and power ground (PWRGND)
must be routed separately and connected to a single ground point.
The INHIBIT pin, due to the -25mV comparator could be sensitive to layout, so make the INHIBIT
connection as short as possible.
As a rule of thumb, traces carrying signal currents should be placed far from traces carrying pulsed
currents or quickly swinging voltages avoiding any coupling effect between them.
Figure 21a: Board Layout - Top Components
Pow e r Se ction
Q1- Q5- Q4
For wa rd S y nc hrono us M osfets
Q2- Q3- Q6
Free wh eeli ng S y nc hron ous M osfet
R2, R 3
Gate pull do wn res is tors
D1
A Schottky Rectifier in parallel to fr ee wh eeling m os fet can increase con ve rter
efficienc y
C1, R 1
A s nubbe r re duces fre ew he eling tu rn- o ff s pik e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22