| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST700C20L2 bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
ST700C20L2 bảng dữ liệu(HTML) 5 Page - International Rectifier |
|
5 / 7 page ![]() ST700C..L Series 5 www.irf.com Bulletin I25190 rev. D 04/00 Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 40 50 60 70 80 90 10 0 11 0 12 0 13 0 0 1 00 200 300 4 0 0 500 6 0 0 7 00 30° 60° 90° 1 20° 180° A v er a g e O n -st a t e C u rre n t ( A ) Co nd uctio n A ng le S T 700C ..L Se ries ( S in gle S id e C o o led ) R ( D C ) = 0 .0 7 3 K/ W th J -hs 20 30 40 50 60 70 80 90 10 0 11 0 12 0 13 0 0 2 00 40 0 6 00 800 10 00 DC 30 ° 60 ° 90 ° 120 ° 180 ° A v era ge O n - sta t e C u rre n t ( A ) C on d uc tion Pe riod ST 70 0C ..L S e r ies ( S in g le Sid e C o o le d ) R ( D C ) = 0 .0 7 3 K/ W th J -hs Outline Table TWO PLACES PIN RECEPTACLE AMP. 60598-1 0.7 (0.03) MIN. 34 (1.34) DIA. MAX. 53 (2.09) DIA. MAX. 2 HOLES DIA. 3.5 (0.14) x 2.5 (0.1) DEEP 4.7 (0.18) 0.7 (0.03) MIN. 6.2 (0.24) MIN. 20°± 5° 36.5 (1.44) CREPAGE DISTANCE 36.33 (1.430) MIN. STRIKE DISTANCE 17.43 (0.686) MIN. Case Style TO-200AC (B-PUK) All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) |