| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1573 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1573 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 27 page ![]() ST7540 stack firmware code UM1573 22/27 Doc ID 023619 Rev 1 { F_ENABLED, F_DISABLED }NL_WMFlag_status_t; If the AES128 encryption is enabled, the function to use to set up the AES key is: void NL_SetEncryptionKey(uint8_T *Ekey); Once the encryption is enabled by selecting the DEVICE_WM_ENCRYPT_DATA option in the interfaceconfig.h file, data is encrypted using the AES128 algorithm with the supplied AES key (Ekey), and if the target device has the encryption enabled too and also has the same key, the data is correctly decoded directly by the stack. If the encryption is not enabled or the key is different, the data frame is discharged and consequently not acknowledged. Finally, it is possible to know the stack firmware release (two bytes, in the x.y decimal format) calling the API: /* Stack firmware release (x).(y) */ uint16_t NL_GetStackFirmwareRelease(void); |