| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1518 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1518 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 37 page ![]() Services UM1518 18/37 Doc ID 022791 Rev 2 Figure 14. Power line confirm box In the case of a negative result returned by the ST7580 after a previous Data Request, the confirm status LED only is refreshed to an “off” status, whereas the other parameters in the “Confirm” box are not updated. 5.2.3 Power line reception command In the case of reception of a Data Indication (PHY, DL or SS) or a SnifferIndication (DL or SS) sent by the ST7580 after a data reception over the power line, the command type is displayed on the console, while with received data, the frame format and electrical parameters are returned in the reception box. Figure 15 reports the GUI status after a DL_DataIndication: |