| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1038 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1038 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 24 page ![]() UM1038 SPEAr3xx and ST7570, ST7580, ST7590 via USB Doc ID 18303 Rev 1 13/24 7 SPEAr3xx and ST7570, ST7580, ST7590 via USB Figure 13. EVALSPEAr3xx and ST7570, ST7580, ST7590 via USB The demonstration boards necessary to connect the SPEAr3xx and ST7590 boards and their configuration: 1. EVALSPEAr3xx: ● Interconnect PC with UART1. ● Interconnect Ethernet to network. ● Plug Flash disk with correct SW into the first USB, use file system of this USB. ● Interconnect EVALSPEAr3xx using the second USB with EVALST7570/80/90. 2. EVALST7590-1 ● Do not put the jumper into position JP12 - USB_RES (see paragraph 1 in Appendix C). |