công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4208 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN4208
Giải thích chi tiết về linh kiện  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics AN4208 Datasheet HTML 11Page - STMicroelectronics AN4208 Datasheet HTML 12Page - STMicroelectronics AN4208 Datasheet HTML 13Page - STMicroelectronics AN4208 Datasheet HTML 14Page - STMicroelectronics AN4208 Datasheet HTML 15Page - STMicroelectronics AN4208 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Changes
AN4208
14/16
DocID023948 Rev 1
ONYX32 Key Features
Fully automated X,Y,Z and theta control
Fully automated alignment using digital feature separation (DFS) technology
Precision force sensor and mass flow controller
Four zone bottom preheater
Flux dipping station
FireWire (IEEE 1394) controls
Visual machines software
Machine table including power supply cabinet
ONYX32 Options
Dispensing head for solder paste, flux, underfill or adhesives
Non-contact temperature sensor
Site solder removal system
6
Changes
STMicroelectronics reserves the right to implement minor changes of geometry and
manufacturing processes without prior notice. Such changes will not affect electrical
characteristics of the die, the pad layout or the maximum die size. However for confirmed
orders, no variation will be made without customer’s approval.
7
Quality
7.1
Electrical inspection
Products in Flip Chip are 100% electrically probed according to the critical parameters of the
ST product specification. The last operation before packing is 100% electrical testing. The
other parameters are guaranteed by technology, design rules and by continuous monitoring
systems.
7.2
Visual inspection
A visual control is performed on all manufacturing lots according to the MIL-STD-883
method 2010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16