| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3372 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3372 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 37 page ![]() AN3372 Lamp power calculation Doc ID 018625 Rev 1 7/37 2 Lamp power calculation The lamp power is obtained multiplying the lamp voltage signal for the lamp current. The lamp voltage is sensed directly across the lamp and the lamp current is obtained by the relations reported below. Starting from peak inductor and considering that the half bridge works in transition mode, the average value is: Equation 3 where: ● Ilamp = lamp current ● IAV = inductor average current ● Ipeak = inductor peak current ● ΔI = inductor current ripple. The inductor current is sensed with a current transformer and the output signal is proportional to the average value. Considering that the inductor current is equal to lamp current, and the lamp voltage is directly measured by the MCU, in this way it is possible to calculate the lamp power simply multiplying the current for the lamp voltage: Equation 4 This relation is valid because the average current is equal to the lamp current. This formula is implemented in ST7 microcontrollers in order to calculate the lamp power. 2 I 2 I I I peak AV lamp Δ = = = lamp lamp lamp I V I × = |