| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3245 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3245 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 19 page ![]() Software AN3245 14/19 Doc ID 17747 Rev 1 //Set scan count, no dedicated keys WriteRegister(INT_EN_MASK_LOW,0x06); //Enable KPC FIFO overflow and KPC Interrupt ReadRegister(INT_STA_LOW); //Clear Interrupt Status register WriteRegister(INT_CTRL_LOW,0x01); //Active Low, Level Interrupt, Enable Global Interrupt ● GPIO initialization (e.g. GPIO low to output, GPIO MID to input) WriteRegister(SYS_CTRL, 0x80);//Issue SW reset WriteRegister(GPIO_SET_DIR_LOW,0xFF); //Set port to OUTPUT WriteRegister(GPIO_SET_DIR_MID,0x00); //Set port to INPUT WriteRegister(GPIO_SET_DIR_HIGH,0x03); //IO 16/17 UNUSED,Set to OUTPUT WriteRegister(INT_EN_MASK_LOW,0x08); //Enable GPIO Interrupt WriteRegister(INT_EN_GPIO_MASK_MID,0xFF); //Enable 8-15 Input Interrupt ReadRegister(INT_STA_GPIO); //Clear all status in GPIO status register ReadRegister (INT_STA_LOW); //Clear Interrupt Status register WriteRegister(INT_CTRL_LOW,0x01); //Active Low, Level Interrupt, Enable Global Interrupt ● Hotkey initialization (e.g. Setting GPIO15 as hotkey) WriteRegister(GPIO_SET_DIR_MSB,0x80); //Set GPIO15 to INPUT WriteRegister(GPIO_SET_RE_MSB,0x80); //Set GPIO15 as RISING EDGE trigger WriteRegister(INT_CTRL,0x01); //Active Low, Level Interrupt, Enable Global Interrupt 2.2.2 Interrupt handling The following is a sample for the device interrupt/hotkey serving routine based on standard implementation. It is necessary to ensure that the host and STMPE1801 interrupt type (active high/low and level/edge detect) are consistent. ● Interrupt service routine ON_INTERRUPT INT_STATUS = ReadRegister(INT_STA_LOW); //Read Interrupt Status register // GPIO Interrupt |