| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2640 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2640 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 36 page ![]() Board description AN2640 30/36 Figure 29. 54 W lamp power Figure 30. 80 W lamp power In Figure 27, 28, 29, and 30 it can be seen that the ballast identifies each lamp and that after the recognition phase it adjusts and regulates the half-bridge working frequency to supply the correct current to the lamp. |