công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0715 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện UM0715
Giải thích chi tiết về linh kiện  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 7Page - STMicroelectronics UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics UM0715 Datasheet HTML 10Page - STMicroelectronics UM0715 Datasheet HTML 11Page - STMicroelectronics UM0715 Datasheet HTML 12Page - STMicroelectronics UM0715 Datasheet HTML 13Page - STMicroelectronics UM0715 Datasheet HTML 14Page - STMicroelectronics UM0715 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
UM0715
Basic command
Doc ID 15798 Rev 2
11/24
STEP
STEP is evaluated once when the FOR ... NEXT loop is entered It is by default 1, but can be any
value, positive or negative. For further details see FOR.
Usage
FOR id = numeric TO numeric STEP numeric
10 FOR i = 1 TO 100 STEP 10
10 FOR i = 100 TO 1 STEP 1
10 FOR i = min TO max STEP delta
GOSUB
This construct calls a subroutine at the line number <line number>.
Control returns to the statement after the GOSUB command when a RETURN is encountered.
Usage
GOSUB line_number
100 GOSUB 30
RETURN
Return to the statement after the calling GOSUB command.
SPII
Init the SPI driver.
Parameter
N_SPI
SPI number (0: SPI_B and 1: SPI_C ).
N_BIT
Programmable serial frame size of 4 to 16 bits.
FREQ
SPI peripheral frequency. Setting possible frequency values listed below:
Value
Fequency (MHz)
025
116.7
210
37.14
412.5
58.33
65
75.56
CS_ACTIVE
0: HIGH, 1: LOW
Usage
SPII N_SPI N_BIT FREQ CS_ACTIVE
100 SPII 1 16 6 1
Table 1.
Basic commands (continued)
Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24